Electronic Components Datasheet Search
  English  ▼

X  

LR H9PP-HZJZ-1-1 Datasheet (PDF) - ams-OSRAM AG

LR H9PP-HZJZ-1-1 Datasheet PDF - ams-OSRAM AG
Part # LR H9PP-HZJZ-1-1
Download  LR H9PP-HZJZ-1-1 Download
File Size   1335.9 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Black Flat

LR H9PP-HZJZ-1-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR H9PP-HZJZ-1-1 Datasheet PDF - ams-OSRAM AG

Part # LR H9PP-HZJZ-1-1
Download  LR H9PP-HZJZ-1-1 Click to download

File Size   1335.9 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Black Flat

LR H9PP-HZJZ-1-1 Datasheet (HTML) - ams-OSRAM AG


LR H9PP-HZJZ-1-1 Product details

Applications
——Custom Tuning
Features:
——Package: SMD epoxy package
——Chip technology: Thinfilm
——Typ. Radiation: 120° (Lambertian emitter)
——Color: λdom = 625 nm (● red)
——Corrosion Robustness Class: 3B
——Qualifications: AEC-Q102 Qualified
——ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)




Similar Part No. - LR H9PP-HZJZ-1-1

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LR H9GP-HZKX-1-1 AMSOSRAM-LR H9GP-HZKX-1-1 Datasheet
1Mb / 23P
OSLON® Black
2023-09-29
More results


Similar Description - LR H9PP-HZJZ-1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSH9PP OSRAM-LSH9PP Datasheet
725Kb / 22P
OSLON Black Flat
SFH4735 OSRAM-SFH4735 Datasheet
629Kb / 13P
OSLON Black Flat
LCYH9PP OSRAM-LCYH9PP Datasheet
1Mb / 23P
OSLON Black Flat
LAH9PP OSRAM-LAH9PP Datasheet
747Kb / 22P
OSLON Black Flat
LYH9PP OSRAM-LYH9PP Datasheet
748Kb / 22P
OSLON Black Flat
LRH9PP OSRAM-LRH9PP Datasheet
726Kb / 22P
OSLON Black Flat
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com